PART |
Description |
Maker |
GB840 |
SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
|
GTM CORPORATION
|
BAS40-04 BAS40-04LT1G BAS40-04LT1 BAS40-04L |
Dual Series Schottky Barrier Diode SCHOTTKY BARRIER DIODES
|
ONSEMI[ON Semiconductor]
|
ZUMD70-04 ZUMD70-05 |
Dual Schottky Diode-Not recommended for new designs SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
|
Zetex Semiconductors
|
5082-2279 50822279 |
SCHOTTKY BARRIER DUAL DIODE SILICON, LOW BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|
1SS351-TB-E |
Schottky Barrier Diode Dual Series Schottky Barrier Diode for Mixer and Detector 5V, 30mA, 0.69pF, CP
|
ON Semiconductor
|
SDM40E20L08 SDM40E20LA-7 SDM40E20LS-7-F SDM40E20LC |
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE DIODE SCHOTTKY 20V 300MW SOT23 0.4 A, 20 V, 2 ELEMENT, SILICON, SIGNAL DIODE DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Incorporated Diodes Inc.
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
BAS70_SERIES_6 BAS70-07 BAS70-05/T1 BAS70-06/T1 |
DIODE SCHOTTKY DUAL CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x16; Speed: 55 ns From old datasheet system Schottky barrier (double) diodes
|
Philips
|
BAT54CW BAT54SW BAT54AW BAT54W BAT54CWT/R BAT54WSE |
Schottky barrier (double) diodes - Cd max.: 10@VR=1V pF; Configuration: dual c.c. ; IF max: 200 mA; IFSM max: 600 A; IR max: 2@VR=25VA; VFmax: 400@IF=10mA mV; VR max: 30 V Schottky barrier double diodes
|
NXP Semiconductors / Philips Semiconductors PHILIPS[Philips Semiconductors]
|
CDBQR0140R-HF12 CDBQR0140R-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=45V, V-R=40V, I-O=0.1A SMD Schottky Barrier Diode
|
Comchip Technology
|
CDBK0520L-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=30V, V-R=20V, I-O=0.5A SMD Schottky Barrier Diode
|
Comchip Technology
|
CDBER0130R-HF CDBER130R-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.1A SMD Schottky Barrier Diode
|
Comchip Technology
|